Part Number Hot Search : 
TDA15 MX25L32 EN8737A 0100C P336X DS44304 RF206 TFS70L
Product Description
Full Text Search
 

To Download ICS9248-128 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
ICS9248-128
Frequency Generator & Integrated Buffers
Recommended Application: SIS 530/620 style chipset Output Features: * - 3 CPU @ 2.5V/3.3V up to 133.3 MHz. * - 6 PCI @ 3.3V (including 1 free-running) * - 13 SDRAMs @ 3.3V up to 133.3MHz. * - 3 REF @ 3.3V, 14.318MHz * - 1 clock @ 24/14.3 MHz selectable output for SIO * - 1 Fixed clock at 48MHz (3.3V) * - 1 IOAPIC @ 2.5V / 3.3V Features: * Up to 133MHz frequency support * Support power management: CPU, PCI, SDRAM stop and Power down Mode from I2C programming. * Spread spectrum for EMI control ( 0.25% center spread & 0 to -0.5% down spread). * Uses external 14.318MHz crystal * FS pins for frequency select Key Specifications: * CPU - CPU<175ps * SDRAM - SDRAM < 350ps * CPU-SDRAM < 500ps * CPU(early) - PCI : 1-4ns (typ. 2ns) * PCI - PCI <500ps
Pin Configuration
VDDR/X *MODE/REF0 GNDREF X1 X2 VDDPCI *FS1/PCICLK_F *FS2.PCICLK0 GNDPCI PCICLK1 PCICLK2 PCICLK3 PCICLK4 VDDPCI SDRAM12 GNDSDR *CPU_STOP# /SDRAM11 *PCI_STOP# /SDRAM10 VDDSD/C *SDRAM_STOP# /SDRAM9 *PD# /SDRAM8 GNDFIX SDATA SCLK 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 VDDLAPIC IOAPIC REF1/SD_SEL#* GNDLAPIC REF2/CPU2.5_3.3#* CPUCLK1 VDDLCPU CPUCLK2 CPUCLK3 GNDCPU SDRAM0 SDRAM1 VDDSDR SDRAM2 SDRAM3 GNDSDR SDRAM4 SDRAM5 VDDSDR SDRAM6 SDRAM7 GNDSDR 48MHz/FS0* SIO/SEL24_14#MHz*
48-Pin SSOP
* Internal Pull-up Resistor of 120K to 3.3V on indicated inputs
Block Diagram
PLL2 /2 SEL24_14# X1 X2 XTAL OSC PLL1 Spread Spectrum MODE FS(2:0) CPU3.3#_2.5 SD_SEL# REF(2:0) IOAPIC
STOP
Functionality
48MHz SIO
ICS9248-128
CPU MHZ
SD_SEL FS2 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1
FS1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1
FS0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1
SDRAM MHZ 90.00 100.05 63.33 66.66 75.00 74.66 82.66 97.00 66.70 75.00 83.30 95.00 100.00 112.00 124.00 133.30
PCI MHZ 30.00 33.35 31.66 33.33 30.00 37.33 31.00 32.33 33.35 30.00 33.32 31.66 33.33 37.33 31.00 33.33
3
3
CPUCLK (3:1) SDRAM (12:0) PCICLK (4:0) PCICLK_F
CPU_STOP LATCH
13
PCI CLOCK DIVDER
3
5
POR
STOP
5
SDRAM_STOP# CPU_STOP# PCI_STOP# PD# SDATA SCLK
Control Logic Config. Reg.
PCI_STOP
90.00 66.70 95.00 100.00 100.00 112.00 124.00 97.00 66.70 75.00 83.30 95.00 100.00 112.00 124.00 133.30
Note: REF, IOAPIC = 14.318MHz
9248-128 Rev B 11/16/00 Third party brands and names are the property of their respective owners.
ICS reserves the right to make changes in the device data identified in this publication without further notice. ICS advises its customers to obtain the latest version of all device data to verify that any information being relied upon by the customer is current and accurate.
ICS9248-128
Pin Descriptions
P in number
1 2 1,2 3,9,16,22, 27,33,39 4 5 6,14 7 1,2 8 1,2 13, 12, 11, 10 15,28,29,31,32, 34,35,37,38
P in name
V DDR/X RE F0 M ode GND X1 X2 V DDP CI FS 1 P CICLK _F P CICLK 0 FS 2 P CICLK (4:1) S DRA M 12, S DRA M (7:0) S DRA M 11 CP U_S TOP # S DRA M 10
Type
P ower Output Input P ower Input Output P ower Input Output Output Input Output Output Output Input Output Input P ower Output Input Output Input Input Input Input Output Input Output P ower 0utput P ower Output Input P ower Output Input Output P ower
D escription
Is olated 3.3 V power for crys tal & referenc e 3.3V , 14.318 M Hz referenc e clock output. Function s elec t pin, 1= des k top m ode, 0= m obile m ode. Latc hed input. 3.3 V Ground 14.318 M Hz crys tal input 14.318 M Hz crys tal output 3.3 V power for the P CI clock outputs Logic input frequency s elec t bit. Input latched at power-on. 3.3 V free running P CI c loc k output, will not be stopped by the P CI_S TOP # 3.3 V P CI cloc k outputs, generating tim ing requirem ents for P entium II Logic input frequency s elec t bit. Input latched at power-on. 3.3 V P CI cloc k outputs, generating tim ing requirem ents for P entium II S DRA M c lock outputs . Frequency is s elec ted by S D-S el latched input. S DRA M c lock outputs . Frequency is s elec ted by S D-S el latched input. A s ynchronous ac tiv e low input pin used to s top the CP UCLK in low state, all other cloc ks will c ontinue to run. The CP UCLK will have a "Turnon" latency of at least 3 CP U clock s. SDRA M c lock outputs . Frequency is s elec ted by S D-S E L latched input. Sy nc hronous active low input used to s top the P CICLK in a low state. It will not effect P CICLK _F or any other outputs. 3.3 V power for S DRA M outputs and c ore S DRA M c lock outputs . Frequency is s elec ted by S D-S el latched input. As ynchronous ac tiv e low input us ed to stop the S DRA M in a low s tate. It will not effec t any other outputs. S DRA M c lock outputs . Frequency is s elec ted by S D-S el latched input. As ynchronous ac tiv e low input pin used to power down the devic e into a low power state. The internal c lock s are dis abled and the V CO and the c ry stal are stopped. The latenc y of the power down will not be greater than 3m s . Data input for I 2 C serial input. Clock input of I 2 C input This input pin controls the frequency of the S IO. If logic 0 at power on S IO= 14.318 M Hz . If logic 1 at power-on S IO= 24M Hz . Super I/O output. 24 or 14.318 M Hz. S electable at power-up by S E L24_14M Hz Logic input frequency s elec t bit. Input latched at power-on. 3.3 V 48 M Hz c lock output, fixed frequenc y cloc k ty pic ally us ed with US B dev ices 3.3 V power for S DRA M outputs 2.5 V CPU and Host c loc k outputs 2.5 V power for CP U 3.3V , 14.318 M Hz referenc e clock output. This pin selects the operating voltage for the CP U. If logic 0 at power on CP U= 3.3 V and if logic 1 at power on CP U= 2.5 V operating voltage. 2.5 V Ground for the IOA P IC or CP U 3.3V , 14.318 M Hz referenc e clock output. This input pin controls the frequency of the S DRA M . 2.5V fixed 14.318 M Hz IOA P IC clock outputs 2.5 V power for IOA P IC
17
1
18
1
P CI-S TOP # V DDS D/C S DRA M 9 S DRA M _S TOP # S DRA M 8
19 20
1
21
1
P D# S DA TA S CLK S E L24_14#
23 24 25
1,2
SIO FS0 26
1,2
48 M Hz V DDS DR CP UCLK (3:1) V DDLCP U RE F2 CP U3.3#_2.5 GNDL RE F1 S D_S E L# IOA P IC V DDLA P IC
30,36 40,41,43 42 44
1,2
45 46
1,2
47 48
Notes: 1: Internal Pull-up Resistor of 120K to 3.3V on indicated inputs 2: Bidirectional input/output pins, input logic levels are latched at internal power-on-reset. Use 10Kohm resistor to program logic Hi to VDD or GND for logic low.
Third party brands and names are the property of their respective owners.
2
ICS9248-128
General Description
The ICS9248-128 is the single chip clock solution for Desktop/Notebook designs using the SIS style chipset. It provides all necessary clock signals for such a system. Spread spectrum may be enabled through I2C programming. Spread spectrum typically reduces system EMI by 8dB to 10dB. This simplifies EMI qualification without resorting to board design iterations or costly shielding. The ICS9248-128 employs a proprietary closed loop design, which tightly controls the percentage of spreading over process and temperature variations. Serial programming I2C interface allows changing functions, stop clock programming and frequency selection. The SD_SEL latched input allows the SDRAM frequency to follow the CPUCLK frequency(SD_SEL=1) or other clock frequencies (SD_SEL=0)
Mode Pin - Power Management Input Control
MODE, Pin 2 (Latched Input) 0 1 Pin 17 CPU_STOP# (INPUT) SDRAM 11 (OUTPUT) Pin 18 PCI_STOP# (INPUT) SDRAM 10 (OUTPUT) Pin 20 SDRAM_STOP# (INPUT) SDRAM9 (OUTPUT) Pin 21 PD# (INPUT) SDRAM8 (OUTPUT)
Power Management Functionality
PD# CPU_STOP# PCI_STOP# SDRAM_STOP PCICLK (0:4) SDRAM (0:12) PCICLK_F CPUCLK Crystal OSC VCO
0 1 1 1 1 1 1 1 1
X 1 1 1 1 0 0 0 0
X 1 1 0 0 1 1 0 0
X 1 0 1 0 1 0 1 0
Stopped Low Running Running Stopped Low Stopped Low Running Running Stopped Low Stopped Low
Stopped Low Running Stopped Low Running Stopped Low Running Stopped Low Running Stopped Low
Stopped Low Running Running Running Running Running Running Running Running
Stopped Low Running Running Running Running Stopped Low Stopped Low Stopped Low Stopped Low
Stopped Low Running Running Running Running Running Running Running Running
Stopped Low Running Running Running Running Running Running Running Running
CPU 3.3#_2.5V Buffer selector for CPUCLK drivers.
CPU3.3#_2.5
Input level (Latched Data)
Buffer Selected for operation at: 2.5V VDD 3.3V VDD
1 0
Third party brands and names are the property of their respective owners.
3
ICS9248-128
Serial Configuration Command Bitmap
Byte 0: Functionality and frequency select register (Default = 0)
Bit Bit 7
Bit (2, 6:4)
Bit 3 Bit 1 Bit 0
Description 0 - 0.25% Center Spread Spectrum 1 - 0 to -0.5% Down Spread Spectrum Bit (2, 6:4) CPUCLK SDRAM PCICLK 0000 90.00 30.00 90.00 0001 66.70 33.35 100.05 0010 95.00 31.66 63.33 0011 100.00 33.33 66.66 0100 100.00 30.00 75.00 0101 112.00 37.33 74.66 0110 124.00 31.00 82.66 0111 97.00 32.33 97.00 1000 66.70 33.35 66.70 1001 75.00 30.00 75.00 1010 83.30 33.32 83.30 1011 95.00 31.66 95.00 1100 100.00 33.33 10 0 . 0 0 1101 112.00 37.33 112.00 1110 124.00 31.00 12 4 . 0 0 1111 133.30 33.33 133.30 0 - Frequency is selected by hardware select, latched inputs 1 - Frequency is selected by Bit 2, 6:4 0 - Normal 1 - Spread spectrum enabled 0 - Running 1 - Tristate all outputs
PWD 1
0,001 Note 1
0 1 0
Note 1: Default at power-up will be for latched logic inputs to define frequency. I2C readback of the power up default indicates the revision ID code in bit 2, 6:4 as shown.
Third party brands and names are the property of their respective owners.
4
ICS9248-128
Byte 1: CPU, Active/Inactive Register (1 = enable, 0 = disable)
Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Pin # 40 41 43 PWD 1 1 1 1 1 1 1 X Description (Reserved) (Reserved) (Reserved) (Reserved) CPUCLK3 CPUCLK2 CPUCLK1 FS0#
Byte 2: PCI Active/Inactive Register (1 = enable, 0 = disable)
Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Pin # 7 13 12 11 10 8 PWD X 1 1 1 1 1 1 1 Description FS1# PCICLK_F (Reserved) PCICLK4 PCICLK3 PCICLK2 PCICLK1 PCICLK0
Notes: 1. Inactive means outputs are held LOW and are disabled from switching.
Notes: 1. Inactive means outputs are held LOW and are disabled from switching.
Byte 3: SDRAM Active/Inactive Register (1 = enable, 0 = disable)
Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Pin # 28 29 31 32 34 35 37 38 PWD 1 1 1 1 1 1 1 1 Description SDRAM7 SDRAM6 SDRAM5 SDRAM4 SDRAM3 SDRAM2 SDRAM1 SDRAM0
Byte 4: SDRAM Active/Inactive Register (1 = enable, 0 = disable)
Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Pin # 25 26 15 17 18 20 21 PWD 1 1 1 1 1 1 1 1 Description (Reserved) 24/14MHz 48MHz SDRAM12 SDRAM11 SDRAM10 SDRAM9 SDRAM8
Notes: 1. Inactive means outputs are held LOW and are disabled from switching.
Notes: 1. Inactive means outputs are held LOW and are disabled from switching.
Byte 5: Peripheral Active/Inactive Register (1 = enable, 0 = disable)
Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Pin # 47 44 46 2 PWD 1 X 1 1 X 1 1 1 Description (Reserved) FS2# (Reserved) IOAPIC SD_SEL# REF2 REF1 REF0
Notes: 1. Inactive means outputs are held LOW and are disabled from switching.
Third party brands and names are the property of their respective owners.
5
ICS9248-128
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Ambient Operating Temperature . . . . . . . . . . . . . Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V GND -0.5 V to VDD +0.5 V 0C to +70C -65C to +150C 115C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only and functional operation of the device at these or any other conditions above those listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70C; Supply Voltage VDD = VDDL = 3.3 V +/-5% (unless otherwise stated) PARAMETER Input High Voltage Input Low Voltage Input High Current Input Low Current Input Low Current Operating Supply Current Powerdown Current Input Frequency Input Capacitance Transition time
1 1 1
SYMBOL VIH VIL IIH IIL1 IIL2 IDD3.3OP66 IDD3.3OP100 IDD3.3PD Fi CIN CINX Ttrans TSTAB TCPU100SDRAM100 TCPU-PCI
CONDITIONS
MIN 2 VSS-0.3 -5 -200
TYP
VIN = VDD VIN = 0V; Inputs with no pull-up resistors VIN = 0V; Inputs with pull-up resistors CL = 0 pF; Select @ 66 MHz CL = 0 pF; Select @ 100 MHz CL = 0 pF; Input address to VDD or GND VDD = 3.3 V Logic Inputs X1 & X2 pins To 1st crossing of target frequency From VDD = 3.3 V to 1% target frequency VT = 1.5V VT = 1.5V
MAX VDD+0.3 0.8 5
150 170 260 11 27 14.318
180 180 600 16 5 45 3 3 500 4
UNITS V V A A A mA mA A MHz pF pF ms ms ps ns
Clk Stabilization Skew
1 1
300 1 2.6
Guaranteed by design, not 100% tested in production.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70C; Supply Voltage VDD = 3.3 V +/- 5%, VDDL = 2.5V +/- 5% (unless otherwise stated). PARAMETER Operating Supply Current Skew
1 1
SYMBOL IDD2.5OP66 IDD2.5OP100 TCPU100SDRAM100 TCPU-PCI
CONDITIONS C L = 0 pF; Select @ 66 MHz C L = 0 pF; Select @ 100 MHz VT = 1.5V; VTL = 1.25V VT = 1.5V; VTL = 1.25V
MIN
TYP 60 80 230 2.6
MAX 72 100 500 4
UNITS mA mA ps ns
1
Guaranteed by design, not 100% tested in production.
Third party brands and names are the property of their respective owners.
6
ICS9248-128
Electrical Characteristics - CPUCLK
TA = 0 - 70 C; VDD = VDDL = 3.3 V +/-5%; C L = 10 - 20 pF (unless otherwise stated). PARAMETER Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time Duty Cycle Skew
1
SYMBOL VOH2B VOL2B IOH2B IOL2B tr2B1 tf2B1 d t2B
1 1
CONDITIONS IOH = -12 mA IOL = 12 mA VOH = 2 V VOL = 0.8 V VOL = 0.4 V, VOH = 2.4 V VOH = 2.4 V, VOL = 0.4 V VT = 1.5 V VT = 1.5 V VT = 1.5 V @ CPU & SDRAM = 100 MHz
MIN 2.4
19
TYP 2.2 0.3 -16 22 1.45 0.95
MAX 0.4 -19 2 2 55 175 250
UNITS V V mA mA ns ns % ps ps
45
46 65 210
Jitter, Cycle-to-cycle Guaranteed by design, not 100% tested in production.
t sk2B tjcyc-cyc2B1
Electrical Characteristics - CPUCLK
TA = 0 - 70 C; VDD = 3.3 V +/-5%, VDDL = 2.5V +/- 5 %; C L = 10 - 20 pF (unless otherwise stated). PARAMETER Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time Duty Cycle Skew Jitter, Cycle-to-cycle
1
SYMBOL VOH2B VOL2B IOH2B IOL2B tr2B1 t f2B1 d t2B
1 1
CONDITIONS IOH = -12 mA IOL = 12 mA VOH = 1.7 V VOL = 0.7 V VOL = 0.4 V, VOH = 2.0 V VOH = 2.0 V, VOL = 0.4 V VT = 1.25 V VT = 1.25 V VT = 1.25 V @ CPU & SDRAM = 100 MHz
MIN 2
19
TYP 2.2 0.25 -15 23 1.4 1.2 48 50 210
MAX 0.4 -19 1.6 1.6 55 175 250
UNITS V V mA mA ns ns % ps ps
45
t sk2B
tjcyc-cyc2B1
Guaranteed by design, not 100% tested in production.
Third party brands and names are the property of their respective owners.
7
ICS9248-128
Electrical Characteristics - PCICLK
TA = 0 - 70 C; VDD = 3.3 V +/- 5%, VDDL = 2.5 V +/- 5 %; C L = 30 pF (unless otherwise stated). PARAMETER Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time Duty Cycle Skew
1
SYMBOL VOH1 VOL1 IOH1 IOL1 t r1 1 t f1
1
CONDITIONS IOH = -11 mA IOL = 9.4 mA VOH = 2.0 V VOL = 0.8 V VOL = 0.4 V, VOH = 2.4 V VOH = 2.4V, VOL = 0.4 V VT = 1.5 V
MIN 2.4
16
TYP 2.6 0.3 -18 24 1.8 1.7
MAX 0.4 22 2 2 55 500 500
UNITS V V mA mA ns ns % ps ps
d t1 1 tsk1
1 1
45
49 260 150
tjcyc-cyc Jitter, Cycle-to-cycle Guaranteed by design, not 100% tested in production.
VT = 1.5 V VT = 1.5 V
Electrical Characteristics - SDRAM
TA = 0 - 70 C; VDD = 3.3 V +/- 5%, VDDL = 2.5 V +/- 5 %; C L = 30 pF (unless otherwise stated). PARAMETER Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time Duty Cycle SYMBOL VOH1 VOL1 IOH1 IOL1 t r1 1 t f1
1
CONDITIONS IOH = -11 mA IOL = 9.4 mA VOH = 2.0 V VOL = 0.8 V VOL = 0.4 V, VOH = 2.4 V VOH = 2.4V, VOL = 0.4 V VT = 1.5 V; divide by 2 selects < 124 MHz VT = 1.5 V; divide by 3 selects VT = 1.5 V; selects >= 124 MHz VT = 1.5 V; SDRAM 8, 9, 11 & 12
MIN 2.4
16
TYP 2.6 0.3 -18 24 1.6 1.6
MAX 0.4 22 2 2 57 55 53 250 250 350 500
UNITS V V mA mA ns ns % % % ps ps ps ps
d t1 1 d t2 d t3 Skew
1 1 1
47 45 43
50 50 50 110 100 220 200
tsk1 tsk3
1
tsk2 1
1 1
VT = 1.5 V; all except SDRAM 8, 9, 11 & 12 VT = 1.5 V; all SDRAMs VT = 1.5 V
tjcyc-cyc Jitter, Cycle-to-cycle Guaranteed by design, not 100% tested in production.
Third party brands and names are the property of their respective owners.
8
ICS9248-128
Electrical Characteristics - REF/48MHz/SIO
TA = 0 - 70 C; VDD = 3.3 V +/- 5%, VDDL = 2.5 V +/- 5 %; C L = 20 pF (unless otherwise stated). PARAMETER Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time Duty Cycle SYMBOL VOH5 VOL5 IOH5 IOL5 t r5 t f5 1 d t5 1
1
CONDITIONS IOH = -12 mA IOL = 10 mA VOH = 2.0 V VOL = 0.8 V VOL = 0.4 V, VOH = 2.4 V VOH = 2.4V, VOL = 0.4 V VT = 1.5 V
MIN 2.4
TYP 2.6 0.3 -18
MAX
UNITS V
0.4 22
V mA mA ns ns % ps ps
16
45
24 2.1 2.1 51 600 400
4 4 55 1000 500
Jitter, Cycle-toVT = 1.5 V t jcyc-cyc, REF1 Cycle, REF Jitter, Cycle-toVT = 1.5 V t jcyc-cyc, fixed 1 Cycle, fixed clock 1 Guaranteed by design, not 100% tested in production.
Third party brands and names are the property of their respective owners.
9
ICS9248-128
General I2C serial interface information
The information in this section assumes familiarity with I2C programming. For more information, contact ICS for an I2C programming application note.
How to Write:
Controller (host) sends a start bit. Controller (host) sends the write address D2 (H) ICS clock will acknowledge Controller (host) sends a dummy command code ICS clock will acknowledge Controller (host) sends a dummy byte count ICS clock will acknowledge Controller (host) starts sending first byte (Byte 0) through byte 5 * ICS clock will acknowledge each byte one at a time. * Controller (host) sends a Stop bit
How to Write:
Controller (Host) Start Bit Address D2(H) Dummy Command Code ACK Dummy Byte Count ACK Byte 0 ACK Byte 1 ACK Byte 2 ACK Byte 3 ACK Byte 4 ACK Byte 5 ACK Byte 6 ACK Stop Bit ICS (Slave/Receiver)
How to Read:
* * * * * * * * Controller (host) will send start bit. Controller (host) sends the read address D3 (H) ICS clock will acknowledge ICS clock will send the byte count Controller (host) acknowledges ICS clock sends first byte (Byte 0) through byte 6 Controller (host) will need to acknowledge each byte Controller (host) will send a stop bit
* * * * * * * *
How to Read:
Controller (Host) Start Bit Address D3(H) ICS (Slave/Receiver)
ACK
ACK Byte Count ACK Byte 0 ACK Byte 1 ACK Byte 2 ACK Byte 3 ACK Byte 4 ACK Byte 5 ACK Byte 6 ACK Stop Bit
Notes:
1. 2. 3. 4. 5. The ICS clock generator is a slave/receiver, I2C component. It can read back the data stored in the latches for verification. Read-Back will support Intel PIIX4 "Block-Read" protocol. The data transfer rate supported by this clock generator is 100K bits/sec or less (standard mode) The input is operating at 3.3V logic levels. The data byte format is 8 bit bytes. To simplify the clock generator I2C interface, the protocol is set to use only "Block-Writes" from the controller. The bytes must be accessed in sequential order from lowest to highest byte with the ability to stop after any complete byte has been transferred. The Command code and Byte count shown above must be sent, but the data is ignored for those two bytes. The data is loaded until a Stop sequence is issued. At power-on, all registers are set to a default condition, as shown.
6.
Third party brands and names are the property of their respective owners.
10
ICS9248-128
CPU_STOP# Timing Diagram
CPU_STOP# is an asychronous input to the clock synthesizer. It is used to turn off the CPU clocks for low power operation. CPU_STOP# is synchronized by the ICS9248-128. The minimum that the CPU clock is enabled (CPU_STOP# high pulse) is 100 CPU clocks. All other clocks will continue to run while the CPU clocks are disabled. The CPU clocks will always be stopped in a low state and start in such a manner that guarantees the high pulse width is a full pulse. CPU clock on latency is less than 4 CPU clocks and CPU clock off latency is less than 4 CPU clocks.
Notes: 1. All timing is referenced to the internal CPU clock. 2. CPU_STOP# is an asynchronous input and metastable conditions may exist. This signal is synchronized to the CPU clocks inside the ICS9248-128. 3. All other clocks continue to run undisturbed. (including SDRAM outputs).
Third party brands and names are the property of their respective owners.
11
ICS9248-128
SDRAM_STOP# Timing Diagram
SDRAM_STOP# is an sychronous input to the clock synthesizer. It is used to turn off the CPU clocks for low power operation. SDRAM_STOP# is synchronized by the ICS9248-128. All other clocks will continue to run while the SDRAM clocks are disabled. The SDRAM clocks will always be stopped in a low state and start in such a manner that guarantees the high pulse width is a full pulse.
Notes: 1. All timing is referenced to the internal CPU clock. 2. SDRAM is an asynchronous input and metastable conditions may exist. This signal is synchronized to the SDRAM clocks inside the ICS9248-128. 3. All other clocks continue to run undisturbed.
Third party brands and names are the property of their respective owners.
12
ICS9248-128
PCI_STOP# Timing Diagram
PCI_STOP# is an synchronous input to the ICS9248-128. It is used to turn off the PCICLK (0:4) clocks for low power operation. PCI_STOP# is synchronized by the ICS9248-128 internally. The minimum that the PCICLK (0:4) clocks are enabled (PCI_STOP# high pulse) is at least 10 PCICLK (0:4) clocks. PCICLK (0:4) clocks are stopped in a low state and started with a full high pulse width guaranteed. PCICLK (0:4) clock on latency cycles are only one rising PCICLK clock off latency is one PCICLK clock.
Notes: 1. All timing is referenced to the Internal CPUCLK (defined as inside the ICS9248 device.) 2. PCI_STOP# is an asynchronous input, and metastable conditions may exist. This signal is required to be synchronized inside the ICS9248. 3. All other clocks continue to run undisturbed. 4. CPU_STOP# is shown in a high (true) state.
Third party brands and names are the property of their respective owners.
13
ICS9248-128
Shared Pin Operation Input/Output Pins
The I/O pins designated by (input/output) on the ICS9248128 serve as dual signal functions to the device. During initial power-up, they act as input pins. The logic level (voltage) that is present on these pins at this time is read and stored into a 5-bit internal data latch. At the end of Power-On reset, (see AC characteristics for timing values), the device changes the mode of operations for these pins to an output function. In this mode the pins produce the specified buffered clocks to external loads. To program (load) the internal configuration register for these pins, a resistor is connected to either the VDD (logic 1) power supply or the GND (logic 0) voltage potential. A 10 Kilohm (10K) resistor is used to provide both the solid CMOS programming voltage needed during the power-up programming period and to provide an insignificant load on the output clock during the subsequent operating period. Figure 1 shows a means of implementing this function when a switch or 2 pin header is used. With no jumper is installed the pin will be pulled high. With the jumper in place the pin will be pulled low. If programmability is not necessary, than only a single resistor is necessary. The programming resistors should be located close to the series termination resistor to minimize the current loop area. It is more important to locate the series termination resistor close to the driver than the programming resistor.
Programming Header Via to Gnd Device Pad 2K W
Via to VDD
8.2K W Clock trace to load Series Term. Res.
Fig. 1
Third party brands and names are the property of their respective owners.
14
ICS9248-128
General Layout Precautions: 1) Use a ground plane on the top layer of the PCB in all areas not used by traces. 2) Make all power traces and ground traces as wide as the via pad for lower inductance.
Ferrite Bead VDD
C2 22F/20V Tantalum
C2 22F/20V Tantalum
Ferrite Bead VDD
1 2 3
C1
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
C4
C3
4 5 6 7 8
Notes: 1) All clock outputs should have a series terminating resistor, and a 20pF capacitor to ground between the resistor and clock pin. Not shown in all places to improve readibility of diagram. 2) Optional crystal load capacitors are recommended. They should be included in the layout but not inserted unless needed.
2.5V Power Route 1 Clock Load
C1
C3
3.3V Power Route
9 10 11 12 13 14 15 16
Ground
3.3V Power Route
Connections to VDD:
17 18 19 20 21 22 23 24
= Routed Power = Ground Connection Key (component side copper) = Ground Plane Connection = Power Route Connection = Solder Pads = Clock Load
Third party brands and names are the property of their respective owners.
15
ICS9248-128
SYMBOL
In Millimeters In Inches COMMON DIMENSIONS COMMON DIMENSIONS MIN MAX 2.794 0.406 0.343 0.254 10.668 7.595 0.635 1.016 8 MIN .095 .008 .008 .005 .395 .291 .015 .020 0 MAX .110 .016 .0135 .010 .420 .299 .025 .040 8 2.413 0.203 0.203 0.127 10.033 7.391 0.381 0.508 0
A A1 b c D E E1 e h L N VARIATIONS N 48
SEE VARIATIONS
SEE VARIATIONS
0.635 BASIC
0.025 BASIC
SEE VARIATIONS
SEE VARIATIONS
D mm. MIN 15.748 MAX 16.002 MIN .620
D (inch) MAX .630
6/1/00 REV B
JEDEC MO-118 DOC# 10-0034
Ordering Information
ICS9248yF-128
Example:
ICS XXXX y F - PPP
Pattern Number (2 or 3 digit number for parts with ROM code patterns) Package Type F=SSOP
Revision Designator
Device Type (consists of 3 or 4 digit numbers) Prefix ICS, AV = Standard Device
Third party brands and names are the property of their respective owners.
16
ICS reserves the right to make changes in the device data identified in this publication without further notice. ICS advises its customers to obtain the latest version of all device data to verify that any information being relied upon by the customer is current and accurate.


▲Up To Search▲   

 
Price & Availability of ICS9248-128

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X